Part Number Hot Search : 
T3043 815SR 4D181M 1N4474TR HVD374B RZ1100 3XB105M 10030
Product Description
Full Text Search
 

To Download NRSY101M50V63X11TBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
REDUCED SIZE, LOW IMPEDANCE, RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS FEATURES * FURTHER REDUCED SIZING * LOW IMPEDANCE AT HIGH FREQUENCY * IDEALLY FOR SWITCHERS AND CONVERTERS CHARACTERISTICS
Rated Voltage Range Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 minutes At +20C 6.3 ~ 50Vdc 22 ~ 15,000F -55 ~ +105C 20%(M) 0.01CV or 3A, whichever is greater W.V. (Vdc) S.V. (Vdc) C < 1,000F C = 2,200F C = 3,300F C = 4,700F C = 6,800F C = 10,000F C = 15,000F Z-40C/Z+20C Z-55C/Z+20C Capacitance Change Tan Leakage Current 6.3 8 0.28 0.30 0.32 0.34 0.38 0.56 0.56 3 6 10 13 0.24 0.26 0.28 0.30 0.34 0.42 3 5 16 20 0.20 0.22 0.24 0.26 0.30 2 4 25 32 0.16 0.18 0.20 0.22 2 4 35 44 0.14 0.16 0.18 2 3 50 63 0.12 0.14 2 3
NRSY Series
includes all homogeneous materials *See Part Number System for Details
RoHS Compliant
Max. Tan @ 120Hz/+20C
Low Temperature Stability Impedance Ratio @ 120Hz Load Life Test at Rated W.V. +105C 1,000 Hours = 8 or less +105C 2,000 Hours = 10 +105C 3,000 Hours = 12.5 up
Within 25% of initial measured value Less than 200% of specified maximum value Less than specified maximum value
MAXIMUM IMPEDANCE ( AT 100KHz AND 20oC)

MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA RMS AT 10KHz ~ 200KHz AND 105OC)

RIPPLE CURRENT CORRECTION FACTOR
Frequency (Hz) 22Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
1001K10KPRECAUTIONS
100(R)
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
101
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

NRSY Series
PART NUMBERING SYSTEM
NRSY 102 M 25V 10x25 TB F
RoHS Compliant Tape and Box* Size (D x L) Rated Voltage Tolerance Code Capacitance Code
Series
*see tape specification for details
LEADSPACE AND DIAMETER (mm)
Case Dia. (D) Leads Dia. (d) Lead Spacing (F) Dim. 5 0.5 2.0 0.5 6.3 0.5 2.5 0.5 8 0.6 3.5 0.5 10 0.6 5.0 0.5 12.5 0.6 5.0 0.5 16 0.8 7.5 0.5
Polarity Marking
Insulation Sleeve
d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
= L < 20mm = 1.5mm, L > 20mm = 2.0mm
(R)
102
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NRSY101M50V63X11TBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X